Part Number Hot Search : 
TMS570 53120 L6316 HPC722 4758A TPDV1040 4LS32 F4300R
Product Description
Full Text Search
 

To Download VJ1808A102BFAAT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VJ C0G (NP0) Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
FEATURES
* C0G is an ultra-stable dielectric offering a Temperature Coefficient of Capacitance (TCC) of 0 30 ppm/C * Low Dissipation Factor (DF) * Ideal for critical timing and tuning applications * Ideal for snubber and surge suppression applications * Protective surface coating of high voltage capacitors maybe required to prevent surface arcing. * Surface mount, precious metal technology, wet build process
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 C unless otherwise specified
Operating Temperature: - 55 C to + 125 C Capacitance Range: 1.0 pF to 0.056 F Voltage Rating: 10 Vdc to 1000 Vdc Temperature Coefficient of Capacitance (TCC): 0 30 ppm/C from - 55 C to + 125 C Dissipation Factor (DF): 0.1 % maximum at 1.0 Vrms and 1 kHz for values > 1000 pF 0.1 % maximum at 1.0 Vrms and 1 MHz for values 1000 pF Aging Rate: 0 % maximum per decade
Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less At + 125 C and rated voltage 10 000 M minimum or 100 F, whichever is less Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 second period and the charge/discharge current does not exceed 50 mA 200 Vdc : DWV at 250 % of rated voltage 500 Vdc: DWV at 200 % of rated voltage 630/1000 Vdc: DWV at 150 % of rated voltage
ORDERING INFORMATION
VJ0805 CASE CODE 0402 0603 0805 1206 1210 1808 1812 1825 2220 2225 A DIELECTRIC A = C0G (NP0) 102 CAPACITANCE NOMINAL CODE K CAPACITANCE TOLERANCE X TERMINATION X = Ni barrier 100 % tin plated F = AgPd A DC VOLTAGE RATING (1) X = 25 V A = 50 V B = 100 V C = 200 V E = 500 V L = 630 V G = 1000 V T = 7" reel/plastic tape C = 7" reel/paper tape R = 11 1/4" reel/plastic tape P = 11 1/4" reel/paper tape O = 7" reel/flamed paper tape I = 11 1/4"/13" reel/flamed paper tape Note: "I" and "O" is used for "F" termination paper taped Notes: (1) DC voltage rating should not be exceeded in application (2) Process Code may be added with up to three digits, used to control non-standard products and/or special requirements (3) Case size designator may be replaced by a four digit drawing number used to control non-standard products and/or requirements A MARKING A = Unmarked M = Marked Note: Marking is only available for 0805 and 1206 ### (2) PROCESS PACKAGING CODE T
B = 0.10 pF Expressed in C = 0.25 pF picofarads (pF). D = 0.5 pF The first two F=1% digits are G=2% significant, the J=5% third is a K = 10 % multiplier. An "R" Note: indicates a B, C, D < 10 pF decimal point. F, G, J, K 10 pF Examples: 102 = 1000 pF 1R8 = 1.8 pF
www.vishay.com 38
For technical questions, contact: mlcc@vishay.com
Document Number: 45053 Revision: 28-Aug-08
VJ C0G (NP0) Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors Vishay Vitramon for Commercial Applications
DIMENSIONS in inches [millimeters]
L W
T MAX.
P
EIA STYLE
PART ORDERING NUMBER
LENGTH (L)
WIDTH (W)
MAXIMUM THICKNESS (T)
TERMINATION (P)
MINIMUM
MAXIMUM
0402
VJ0402
0.040 + 0.004/- 0.002 [1.00 + 0.10/- 0.05] 0.063 0.005 [1.60 0.12] 0.079 0.008 [2.00 0.20] 0.126 0.008 [3.20 0.20] 0.126 0.008 [3.20 0.20] 0.177 0.010 [4.50 0.25] 0.177 0.010 [4.50 0.25] 0.177 0.010 [4.50 0.25] 0.220 0.008 [5.59 0.20] 0.220 0.010 [5.59 0.25]
0.020 + 0.004/- 0.002 [0.50 + 0.10/- 0.05] 0.031 0.005 [0.80 0.12] 0.049 0.008 [1.25 0.20] 0.063 0.008 [1.60 0.20] 0.098 0.008 [2.50 0.20] 0.080 0.010 [2.03 0.25] 0.126 0.008 [3.20 0.20] 0.252 0.010 [6.40 0.25] 0.200 0.010 [5.08 0.25] 0.250 0.010 [6.35 0.25]
0.024 [0.60] 0.036 [0.92] 0.057 [1.45] 0.067 [1.70] 0.067 [1.70] 0.067 [1.70] 0.086 [2.18] 0.086 [2.18] 0.086 [2.18] 0.086 [2.18]
0.004 [0.10] 0.012 [0.30] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25]
0.016 [0.41] 0.018 [0.46] 0.028 [0.71] 0.028 [0.71] 0.028 [0.71] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76]
0603
VJ0603
0805
VJ0805
1206
VJ1206
1210
VJ1210
-
VJ1808
1812
VJ1812
1825
VJ1825
-
VJ2220
-
VJ2225
Document Number: 45053 Revision: 28-Aug-08
For technical questions, contact: mlcc@vishay.com
www.vishay.com 39
VJ C0G (NP0) Dielectric
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
SELECTION CHART
STYLE EIA TYPE VOLTAGE (Vdc) CAP. CODE 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 183 223 273 333 393 473 563 CAP. 1.0 pF 1.2 pF 1.5 pF 1.8 pF 2.2 pF 2.7 pF 3.3 pF 3.9 pF 4.7 pF 5.6 pF 6.8 pF 8.2 pF 10 pF 12 pF 15 pF 18 pF 22 pF 27 pF 33 pF 39 pF 47 pF 56 pF 68 pF 82 pF 100 pF 120 pF 150 pF 180 pF 220 pF 270 pF 330 pF 390 pF 470 pF 560 pF 680 pF 820 pF 1000 pF 1200 pF 1500 pF 1800 pF 2200 pF 2700 pF 3300 pF 3900 pF 4700 pF 5600 pF 6800 pF 8200 pF 0.010 F 0.012 F 0.015 F 0.018 F 0.022 F 0.027 F 0.033 F 0.039 F 0.047 F 0.056 F ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** * * * * * * * ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** * * ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** ** * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * VJ0402 0402 25 50 100 VJ0603 0603 50 100 200 VJ0805 0805 100 200 VJ1206 1206 500 50 100 200 500 630 50 VJ1210 (1) 1210 100 200 500
50
630
* * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
Note: (1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034 ** Paper tape * Plastic tape www.vishay.com 40 For technical questions, contact: mlcc@vishay.com Document Number: 45053 Revision: 28-Aug-08
VJ C0G (NP0) Dielectric
Surface Mount Multilayer Ceramic Chip Capacitors Vishay Vitramon for Commercial Applications
SELECTION CHART
STYLE EIA TYPE VOLTAGE (Vdc) CAP. CAP. CODE 1R0 1.0 pF 1R2 1.2 pF 1R5 1.5 pF 1R8 1.8 pF 2R2 2.2 pF 2R7 2.7 pF 3R3 3.3 pF 3R9 3.9 pF 4R7 4.7 pF 5R6 5.6 pF 6R8 6.8 pF 8R2 8.2 pF 100 10 pF 120 12 pF 150 15 pF 180 18 pF 220 22 pF 270 27 pF 330 33 pF 390 39 pF 470 47 pF 560 56 pF 680 68 pF 820 82 pF 101 100 pF 121 120 pF 151 150 pF 181 180 pF 221 220 pF 271 270 pF 331 330 pF 391 390 pF 471 470 pF 561 560 pF 681 680 pF 821 820 pF 102 1000 pF 122 1200 pF 152 1500 pF 182 1800 pF 222 2200 pF 272 2700 pF 332 3300 pF 392 3900 pF 472 4700 pF 562 5600 pF 682 6800 pF 822 8200 pF 103 0.010 F 123 0.012 F 153 0.015 F 183 0.018 F 223 0.022 F 273 0.027 F 333 0.033 F 393 0.039 F 473 0.047 F 563 0.056 F VJ1808 (1) VJ1812 (1) 1812 VJ1825 (1) 1825 VJ2220 (1) 50 VJ2225 (1) 100 200 500
50 100 200 500 1000 50 100 200 500 1000 50 100 200 500 50 100 200 500 1000
* * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * *
* * * * * * * * *
* * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * *
* * * * * * * * *
* * * * * * *
* * * * * *
* * * * * *
* * * *
* * * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * * * * * * * * *
Note: (1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034 * Plastic tape Document Number: 45053 Revision: 28-Aug-08 For technical questions, contact: mlcc@vishay.com www.vishay.com 41
VJ C0G (NP0) Dielectric
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
for Commercial Applications
C0G (NP0) DIELECTRIC - TYPICAL PARAMETERS
TYPICAL PARAMETER C0G (NP0) TEMPERATURE COEFFICIENT OF CAPACITANCE 2.0 % CAPACITANCE CHANGE 1.5 1.0 0.5 0.0 - 0.5 NP0 % CAPACITANCE CHANGE 0.1 TYPICAL PARAMETER C0G (NP0) VOLTAGE COEFFICIENT OF CAPACITANCE
0.2
0.0
- 1.0 - 1.5 - 2.0 - 75 - 50 - 25 0 25 50 75 100 125 150 175 TEMPERATURE C TYPICAL PARAMETER C0G (NP0) AGING RATE 0.2
- 0.1
- 0.2 0 10 20 30 40 50 60 70 80 90 100 DC VOLTS APPLIED TYPICAL PARAMETER C0G (NP0) MINIMUM INSULATION RESISTANCE VS. TEMPERATURE
10 000 INSULATION RESISTANCE (F) 1 10 100 HOURS TYPICAL PARAMETER C0G (NP0) CHANGE OF CAPACITANCE WITH FREQUENCY 1000 10 000
% CAPACITANCE CHANGE
0.1
1000
0.0
- 0.1
100
- 0.2
10 10 25 50 TEMPERATURE C
TYPICAL PARAMETER C0G (NP0) CHANGE OF CAPACITANCE WITH FREQUENCY 0.001
100
150
+2 % CAPACITANCE CHANGE
0
DISSIPATION FACTOR
+1
0.0005
-1
-2 1 kHz 10 kHz 100 kHz 1 MHz FREQUENCY
0.00025 1 kHz 10 kHz 100 kHz 1 MHz FREQUENCY
www.vishay.com 42
For technical questions, contact: mlcc@vishay.com
Document Number: 45053 Revision: 28-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VJ1808A102BFAAT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X